Part Number Hot Search : 
F2026 UPD16682 VSMP1206 OZ9938G FQP6N50 MAX170 C720009 P10N10M
Product Description
Full Text Search
 

To Download RPNS270DA1A21X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  installation instructions for the RPNS270DA1A21X hall-effect rotary position sensor issue 1 50035287 sensing and control general information the rpn series rotary position sensors use a magnetically biased, hall-effect integrated circuit (ic) to accurately sense rotary movement of the actuator shaft. rotation of the actuator shaft changes the ic?s position relative to the magnets. the resulting flux density change is converted to a linear output. mounting information mount the sensor using the two easily accessible mounting holes. mounting screw tightening torque is 2,5 n m 0,5 n m [22.1 in lb 4.4 in lb]. table. output angle output left (-135) 4 ma 0 12 ma right (+135) 20 ma figure 1. mounting and dimensional diagram (for reference only mm/[in].) RPNS270DA1A21X 12 ma 4 ma 20 ma ww/yy l r 27,7 [1.09] 37,7 [1.48] 4,2 [0.17] 50 [1,97] 63 [2.48] 52 [2.05] 20 270 24,8 [0.98] 14 [0.55] 4,12 [0.16] 8,3 [0.33] 5 [0.20] 4,6 [0.18] ?20 [0.79] ?6 [0.24] 321 ?2 [0.08] pinout 1 = ground 2 = 10 vdc to 30 vdc supply 3 =4 ma to 20 ma output angle ( ) output (ma) 0 4 20 135 135 characteristic curve 247969 receptacle: amp superseal 282087-1 mating connector: amp superseal 282103 table 2. specifications characteristic parameter supply voltage 10 vdc to 30 vdc current consumption (maximum) 20 ma output signal delay (approx) 3 ms approx. reverse polarity protection yes emc 200 v/m iso 11452-3 operating and storage temperature range -40 c to 125 c [-40 f to 257 f] protection class ip67 din 40050 accuracy 1.6% hysteresis none linearity 2 housing material pa66 plastic shaft material stainless steel expected life 30x10 6 cycles mechanical end stop no
RPNS270DA1A21X issue 1 50035287 sensing and control honeywell 1985 douglas drive north minneapolis, mn 55422 www.honeywell.c om/sensing 50035287-1-en il50 glo printed in usa october 2008 copyright ? 2008 honeywell international inc. all rights reserved. warning personal injury do not use these products as safety or emergency stop devices or in any other application where failure of the product could result in personal injury. failure to comply with these instructions could result in death or serious injury. warranty/remedy honeywell warrants goods of its manufacture as being free of defective materials and faulty workmanship. honeywell?s standard product warranty applies unless agreed to otherwise by honeywell in writing; please refer to your order acknowledgement or consult your local sales office for specific warranty details. if warranted goods are returned to honeywell during the period of coverage, honeywell will repair or replace, at its option, without charge those items it finds defective. the foregoing is buyer?s sole remedy and is in lieu of all other warranties, expressed or implied, including those of merchantability and fitness for a particular purpose. in no event shall honeywell be liable for consequential, special, or indirect damages. while we provide application assistance personally, through our literature and the honeywell web site, it is up to the customer to determine the suitability of the product in the application. specifications may change without notice. the information we supply is believed to be accurate and reliable as of this printing. however, we assume no responsibility for its use. sales and service honeywell serves its customers through a worldwide network of sales offices, representatives and distributors. for application assistance, current specifications, pricing or name of the nearest authorized distributor, contact your local sales office or: e-mail: info.sc@honeywell.com internet: www.honeywell.com/sensing phone and fax: asia pacific +65 6355-2828 +65 6445-3033 fax europe +44 (0) 1698 481481 +44 (0) 1698 481676 fax latin america +1-305-805-8188 +1-305-883-8257 fax usa/canada +1-800-537-6945 +1-815-235-6847 +1-815-235-6545 fax


▲Up To Search▲   

 
Price & Availability of RPNS270DA1A21X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X